Part Number Hot Search : 
DSPIC TPSMA27A OM7580SC CX93021 MRF1535 460819 MAX40 1N3893AR
Product Description
Full Text Search
 

To Download MUR10120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MUR10120E/D
SCANSWITCHTM Power Rectifier
For High and Very High Resolution Monitors
This state-of-the-art power rectifier is specifically designed for use as a damper diode in horizontal deflection circuits for high and very high resolution monitors. In these applications, the outstanding performance of the MUR10120E is fully realized when paired with either the MJH16206 or MJF16206 monitor specific, 1200 volt bipolar power transistor. * * * * 1200 Volt Blocking Voltage 20 mJ Avalanche Energy (Guaranteed) 12 Volt (Typical) Peak Transient Overshoot Voltage 135 ns (Typical) Forward Recovery Time
MUR10120E
Motorola Preferred Device
SCANSWITCH RECTIFIER 10 AMPERES 1200 VOLTS
4
Mechanical Characteristics: * Case: Epoxy, Molded * Weight: 1.9 grams (approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable * Lead Temperature for Soldering Purposes: 260C Max. for 10 Seconds * Shipped 50 units per plastic tube * Marking: U10120E
1
1 4 3
3
CASE 221B-03 (TO-220AC) STYLE 1
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Rated VR) TC = 125C Peak Repetitive Forward Current, Per Leg (Rated VR, Square Wave, 20 kHz) TC = 125C Nonrepetitive Peak Surge Current (Surge applied at rated load conditions, halfwave, single phase, 60 Hz) Operating Junction Temperature Controlled Avalanche Energy Symbol VRRM VRWM VR IF(AV) IFRM IFSM TJ WAVAL Value 1200 Unit Volts
10 20 100
Amps Amps Amps C mJ
*65 to +125
20 2.0
THERMAL CHARACTERISTICS
Thermal Resistance -- Junction to Case (1) Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%. RJC C/W
SCANSWITCH is a trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
Rev 1
(c)RectifierInc. 1996 Data Motorola, Device
1
MUR10120E
ELECTRICAL CHARACTERISTICS
Characteristic Maximum Instantaneous Forward Voltage (1) (iF = 6.5 Amps, TJ = 125C) (iF = 6.5 Amps, TJ = 25C) Maximum Instantaneous Reverse Current (1) (Rated dc Voltage, TJ = 25C) (Rated dc Voltage, TJ = 125C) Maximum Reverse Recovery Time (IF = 1.0 A, di/dt = 50 Amps/s) Maximum Forward Recovery Time IF = 6.5 Amps, di/dt = 12 Amps/s (As Measured on a Deflection Circuit) Peak Transient Overshoot Voltage (1) Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%. Symbol vF 1.7 1.9 iR 25 750 trr tfr VRFM 150 135 12 100 1000 175 175 14 ns ns Volts 2.0 2.2 A Typ Max Unit Volts
100 70 IR , REVERSE CURRENT (m A)
1000
100
50 30 20 iF, INSTANTANEOUS FORWARD CURRENT (AMPS) 100C 85C 25C
125C 100C 85C
10
1.0
125C 10 7.0 5.0 3.0 2.0
0.1 0.01 0 200 400
25C
600
800 1000 1200 1400 1600 1800 2000
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current
IF(AV) , AVERAGE POWER DISSIPATION (WATTS)
10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 100 105 110 115 120 125 TC, CASE TEMPERATURE (C) SQUARE WAVE dc RATED VR APPLIED
1.0 0.7 0.5 0.3 0.2
0.1 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
Figure 3. Current Derating, Case
2
Rectifier Device Data
MUR10120E
PF(AV) , AVERAGE POWER DISSIPATION (WATTS) I F(AV) , AVERAGE FORWARD CURRENT (AMPS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 15 30 45 60 75 90 105 120 135 150 TA, AMBIENT TEMPERATURE (C) RqJA = 16C/W 15 TJ = 125C 12 SQUARE WAVE 9.0 dc
6.0
3.0 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 4. Current Derating, Ambient
Figure 5. Power Dissipation
500 TJ = 25C TYPICAL CAPACITANCE AT 0 V = 500 pF
400 C, CAPACITANCE (pF)
300
200
100 0 1.0 10 VR, REVERSE VOLTAGE (VOLTS) 100
Figure 6. Typical Capacitance
Rectifier Device Data
3
MUR10120E
PACKAGE DIMENSIONS
C B Q
4
F
T
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D F G H J K L Q R S T U INCHES MIN MAX 0.595 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.190 0.210 0.110 0.130 0.018 0.025 0.500 0.562 0.045 0.060 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 MILLIMETERS MIN MAX 15.11 15.75 9.65 10.29 4.06 4.82 0.64 0.89 3.61 3.73 4.83 5.33 2.79 3.30 0.46 0.64 12.70 14.27 1.14 1.52 2.54 3.04 2.04 2.79 1.14 1.39 5.97 6.48 0.000 1.27
A U
1 3
H K
L G
D J
R
STYLE 1: PIN 1. 2. 3. 4.
CATHODE N/A ANODE CATHODE
CASE 221B-03 ISSUE B
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
4
Rectifier MUR10120E/D Device Data


▲Up To Search▲   

 
Price & Availability of MUR10120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X